Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8CKIT-059 Fiches technique(PDF) 11 Page - Cypress Semiconductor

No de pièce CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Fiches technique(HTML) 11 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 7Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 8Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 9Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 10Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 11Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 12Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 13Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 14Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
11
Introduction
1.2.4
Component Datasheets
Right-click a Component and select Open Datasheet (see Figure 1-5).
Figure 1-5. Opening Component Datasheet
1.3
Getting Started
This guide will help you get acquainted with the PSoC 5LP Prototyping Kit:
■
The Software Installation chapter on page 13 describes the installation of the kit software. This
includes installation of PSoC Creator IDE for development and debugging the applications, and
PSoC Programmer for programming hex files.
■
The Kit Operation chapter on page 16 describes the major features of the PSoC 5LP Pioneer Kit
and functionalities such as programming, debugging, and the USB-UART and USB-I2C bridges.
■
The Hardware chapter on page 20 details the hardware content of the kit and the hardware
operation.
■
The Code Examples chapter on page 31 describes multiple PSoC 5LP code examples that will
help you understand how to create your own PSoC 5LP projects.
■
The Appendix on page 39 provides schematics, details about programming the kit using
MiniProg3, and the bill of materials (BOM).
1.4
Additional Learning Resources
Cypress provides a wealth of information at www.cypress.com to help you to select the right PSoC
device for your design, and to help you to quickly and effectively integrate the device into your
design. For a comprehensive list of resources, see KBA86521, How to Design with PSoC 3, PSoC 4,
and PSoC 5LP. The following is an abbreviated list for PSoC 5LP:
■
Overview: PSoC Portfolio, PSoC Roadmap
■
Product Selectors: PSoC 1, PSoC 3, PSoC 4, or PSoC 5LP. In addition, PSoC Creator includes a
device selection tool.
■
Datasheets: Describe and provide electrical specifications for the PSoC 5LP device family
■
CapSense Design Guide: Learn how to design capacitive touch-sensing applications with the
PSoC 5LP family of devices.
■
Application Notes and Code Examples: Cover a broad range of topics, from basic to advanced
level. Many of the application notes include code examples. Visit the PSoC 3/4/5 Code Examples
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48