Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY8CKIT-059 Fiches technique(PDF) 15 Page - Cypress Semiconductor

No de pièce CY8CKIT-059
Description  5LP Prototyping Kit Guide
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CKIT-059 Fiches technique(HTML) 15 Page - Cypress Semiconductor

Back Button CY8CKIT-059 Datasheet HTML 11Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 12Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 13Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 14Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 15Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 16Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 17Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 18Page - Cypress Semiconductor CY8CKIT-059 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G
15
Software Installation
Figure 2-2. Product Installation Overview
7. Read the License agreement and select 'I accept the terms in the license agreement' to continue
with installation. Click Next.
8. When the installation begins, a list of packages appears on the installation page. A green check
mark appears next to each package after successful installation.
9. Enter your contact information or select the Continue Without Contact Information check box.
Click Finish to complete the PSoC 5LP Prototyping Kit installation.
10.After the installation is complete, the kit contents are available at the following location:
<Install_Directory>\CY8CKIT-059
Default location:
Windows OS (64-bit):
C:\Program Files (x86)\Cypress\CY8CKIT-059
Windows OS (32-bit):
C:\Program Files\Cypress\CY8CKIT-059
Note: For Windows 7/8/8.1/10 users, the installed files and the folder are read-only. To use the
installed code examples, follow the steps outlined in the Code Examples chapter on page 31. These
steps will create an editable copy of the example in a path that you choose, so the original installed
example is not modified.
2.3
Uninstall Software
The software can be uninstalled using one of the following methods:
1. Go to Start > All Programs > Cypress > Cypress Update Manager and select the Uninstall
button.
2. Go to Start > Control Panel > Programs and Features for Windows 7 or Add/Remove
Programs for Windows XP; select the Uninstall/Change button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48