| Moteur de recherche de fiches techniques de composants électroniques |
|
CY8CKIT-059 Fiches technique(PDF) 31 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 Fiches technique(HTML) 31 Page - Cypress Semiconductor |
|
31 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 31 5. Code Examples This chapter explains the code examples provided along with the PSoC 5LP Prototyping Kit. To access these code examples, download and install the CY8CKIT-059 PSoC 5LP Prototyping Kit setup file from the kit webpage: www.cypress.com/CY8CKIT-059. After installation, the code examples will be available from Start > Kits > CY8CKIT-059 on the PSoC Creator Start Page. 5.1 Using the Kit Code Examples Follow these steps to open and use the code examples. 1. Launch PSoC Creator from the Windows Start menu (Start > All Programs > Cypress > PSoC Creator<version> > PSoC Creator <version>). 2. On the Start page, click CY8CKIT-059 under Start > Kits. A list of code examples appears, as shown in Figure 5-1. 3. Click on the desired code example and save it at a desired location. For the remaining steps, CE195277_ADC_and_UART.cywrk is used as reference. Figure 5-1. Open Code Example from PSoC Creator |