| Moteur de recherche de fiches techniques de composants électroniques |
|
CY8CKIT-059 Fiches technique(PDF) 35 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 Fiches technique(HTML) 35 Page - Cypress Semiconductor |
|
35 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 35 Code Examples 5.2 CE195352_PSoC_5LP_Blinking_LED This code example demonstrates the use of a fixed-function PWM. The PWM is set up to output a 50-percent duty cycle digital signal with a period of 1 second. This signal can be used to drive an LED for visual testing of the PWM output. A switch is routed into the kill input of the PWM. When the switch is pressed the PWM output is shut off. Figure 5-7. TopDesign for CE195352_PSoC_5LP_Blinking_LED For a detailed description, refer to the CE195352_PSoC_5LP_Blinking_LED.pdf from PSoC Creator. |