Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83821 Fiches technique(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Fiches technique(HTML) 82 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 78Page - National Semiconductor (TI) DP83821 Datasheet HTML 79Page - National Semiconductor (TI) DP83821 Datasheet HTML 80Page - National Semiconductor (TI) DP83821 Datasheet HTML 81Page - National Semiconductor (TI) DP83821 Datasheet HTML 82Page - National Semiconductor (TI) DP83821 Datasheet HTML 83Page - National Semiconductor (TI) DP83821 Datasheet HTML 84Page - National Semiconductor (TI) DP83821 Datasheet HTML 85Page - National Semiconductor (TI) DP83821 Datasheet HTML 86Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
5.0 DC and AC Specifications (Continued)
82
www.national.com
5.2.8 RX TBI Interface
5.2.9 TX MII Interface
Number
Parameter
Min
Typ
Units
5.2.8.1
RXD[9:0] to RXPMACLK0 or RXPMACLK1
Setup Requirement
2.5
ns
5.2.8.2
RXD[9:0] to RXPMACLK0 or RXPMACLK1
Hold Requirement
1.5
ns
Number
Parameter
Min
Typ
Units
5.2.9.1
TXEN/TXD Output Delay from TXCLK
2
12
ns
RXPMA
RXPMA
T1
T2
RXD
CLK0
CLK1
T1
T2
TXCLK
TXEN
TXD
T3
T3
T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86