Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83821 Fiches technique(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Fiches technique(HTML) 76 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 72Page - National Semiconductor (TI) DP83821 Datasheet HTML 73Page - National Semiconductor (TI) DP83821 Datasheet HTML 74Page - National Semiconductor (TI) DP83821 Datasheet HTML 75Page - National Semiconductor (TI) DP83821 Datasheet HTML 76Page - National Semiconductor (TI) DP83821 Datasheet HTML 77Page - National Semiconductor (TI) DP83821 Datasheet HTML 78Page - National Semiconductor (TI) DP83821 Datasheet HTML 79Page - National Semiconductor (TI) DP83821 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
5.0 DC and AC Specifications (Continued)
76
www.national.com
5.2.5 POR PCI Inactive
5.2.6 PCI Bus Cycles
The following table parameters apply to ALL the PCI Bus Cycle Timing Diagrams contained in this section.
Number
Parameter
Min
Typ
Units
5.2.5.1
VDD stable to EE access
VDD indicates the digital supply (AUX
power plane, except PCI bus power.)
Guaranteed by design.
60
us
Number
Parameter
Min
Typ
Units
5.2.6.1
Input Setup Time
7
ns
5.2.6.2
Input Hold Time
0
ns
5.2.6.3
Output Valid Delay
2
11
ns
5.2.6.4
Output Float Delay (toff time)
28
ns
5.2.6.5
Input Setup Time for GNTN - point to point
10
ns
EESEL
VDD
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86