Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83821 Fiches technique(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DP83821
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83821 Fiches technique(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83821 Datasheet HTML 26Page - National Semiconductor (TI) DP83821 Datasheet HTML 27Page - National Semiconductor (TI) DP83821 Datasheet HTML 28Page - National Semiconductor (TI) DP83821 Datasheet HTML 29Page - National Semiconductor (TI) DP83821 Datasheet HTML 30Page - National Semiconductor (TI) DP83821 Datasheet HTML 31Page - National Semiconductor (TI) DP83821 Datasheet HTML 32Page - National Semiconductor (TI) DP83821 Datasheet HTML 33Page - National Semiconductor (TI) DP83821 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
3.0 Functional Description (Continued)
30
www.national.com
Table 3-9 Receive State Tables
FifoReady
(rxPktCnt > 0) or (rxPktBytes > rxDrainThreshold) ... in other words, if we have a complete
packet in the FIFO (regardless of size), or the number of bytes that we do have is greater than
the rxDrainThreshold, then we are ready to begin draining the rxDataFifo.
state
event
next state
actions
rxIdle
CR:RXEN && !CRDD
rxDescRead
start a burst transfer at address RXDP and a
length derived from RXCFG.
CR:RXEN && CRDD
rxDescRefr
start a burst transfer to refresh the link field of the
current descriptor.
rxDescRefr
XferDone
rxAdvance
rxDescRead
XferDone && !OWN
rxFIFOblock
XferDone && OWN
rxIdle
set ISR:RXIDLE.
rxFIFOblock
FifoReady
rxFragWrite
start a burst transfer from the RxDataFIFO to host
memory at fragPtr. The length will be the
minimum of rxPktBytes and descCnt. Decrement
descCnt accordingly.
(descCnt == 0) &&
(rxPktBytes > 0)
rxDescWrite
start a burst transfer to write the status back to
the descriptor, setting the OWN bit, and setting
the MORE bit. We'll continue the packet in the
next descriptor.
rxPktBytes == 0
rxDescWrite
start a transfer to write the cmdsts back to the
descriptor, setting the OWN bit and clearing the
MORE bit, and filling in the final receive status
(CRC, FAE, SIZE, etc.).
rxFragWrite
XferDone
rxFIFOblock
rxDescWrite
XferDone
rxAdvance
rxAdvance
link != NULL
rxDescRead
RXDP <- rxDescCache.link. Clear CRDD. Start a
burst transfer at address RXDP with a length
derived from RXCFG:MAXF.
link == NULL
rxIdle
set CRDD. Set ISR:RXIDLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86