| Moteur de recherche de fiches techniques de composants électroniques |
|
NM1282KSLAXAL Fiches technique(PDF) 40 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1282KSLAXAL Fiches technique(HTML) 40 Page - Nanya Technology Corporation. |
|
40 / 120 page ![]() Version 1.3 40 Nanya Technology Corp. 06/2018 All Rights Reserved. © 2Gb SLC NAND + 2Gb LPDDR2 NM1282KSLAXAL NTC Proprietary Level: Property 3rd ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Internal Chip Number 1 2 4 8 0 0 1 1 0 1 0 1 Cell Type 2 Level Cell 4 Level Cell 8 Level Cell 16 Level Cell 0 0 1 1 0 1 0 1 Reserved 1 0 0 1 4th ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Page Size (without redundant area) 1 KB 2 KB 4 KB 8 KB 0 0 1 1 0 1 0 1 Block Size (without redundant area) 64 KB 128 KB 256 KB 512 KB 0 0 1 1 0 1 0 1 I/O Width X8 X16 0 1 Reserved 0 0 1 5th ID Data Item Description I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 Plane Number 1 Plane 2 Plane 4 Plane 8 Plane 0 0 1 1 0 1 0 1 Reserved 0 1 1 1 1 0 |