| Moteur de recherche de fiches techniques de composants électroniques |
|
NM1282KSLAXAL Fiches technique(PDF) 33 Page - Nanya Technology Corporation. |
|
|
|||||||||||||||||||||||||||||
NM1282KSLAXAL Fiches technique(HTML) 33 Page - Nanya Technology Corporation. |
|
33 / 120 page ![]() Version 1.3 33 Nanya Technology Corp. 06/2018 All Rights Reserved. © 2Gb SLC NAND + 2Gb LPDDR2 NM1282KSLAXAL NTC Proprietary Level: Property Page Copy (2) By using Page Copy (2), data in a page can be copied to another page after the data has been read out. When the block address changes (increments) this sequenced has to be started from the beginning. For X8 : Page Copy (2) operation is as following. 1 Data for Page N is transferred to the Data Cache. 2 Data for Page N is read out. 3 Copy Page address M is input and if the data needs to be changed, changed data is input. 4 Data Cache for Page M is transferred to the Page Buffer. 5 After the Ready state, Data for Page N + P1 is output from the Data Cache while the data of Page M is being programmed. |