Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NM1282KSLAXAL Fiches technique(PDF) 90 Page - Nanya Technology Corporation.

No de pièce NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANYA [Nanya Technology Corporation.]
Site Internet  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Fiches technique(HTML) 90 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 86Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 87Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
Version 1.3
90
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Symbol
Supply
1066
Unit
SDP
IDD4R
IDD4R1
VDD1
2
mA
IDD4R2
VDD2
200
mA
IDD4RIN
VDDCA
6
mA
IDD4RQ
VDDQ
240
mA
IDD4W
IDD4W1
VDD1
2
mA
IDD4W2
VDD2
150
mA
IDD4WIN
VDDCA, VDDQ,
25
mA
IDD5
IDD51
VDD1
15
mA
IDD52
VDD2
110
mA
IDD5IN
VDDCA, VDDQ,
6
mA
IDD5AB
IDD5AB1
VDD1
3
mA
IDD5AB2
VDD2
20
mA
IDD5ABIN
VDDCA, VDDQ,
6
mA
IDD5PB
IDD5PB1
VDD1
3
mA
IDD5PB2
VDD2
20
mA
IDD5PBIN
VDDCA, VDDQ,
6
mA
IDD8
IDD81
VDD1
7.5
uA
IDD82
VDD2
40
uA
IDD8IN
VDDCA, VDDQ,
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More