Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NM1282KSLAXAL Fiches technique(PDF) 58 Page - Nanya Technology Corporation.

No de pièce NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANYA [Nanya Technology Corporation.]
Site Internet  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Fiches technique(HTML) 58 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 54Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 55Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 56Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 57Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 58Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 59Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 60Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 61Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 62Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 120 page
background image
Version 1.3
58
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Read Cycle with Data Cache Timing Diagram (1/2)
*: The column address will be reset to 0 by the 31h command input
Read Cycle with Data Cache Timing Diagram (2/2)
Make sure to terminate the operation with 3Fh command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More