Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NM1282KSLAXAL Fiches technique(PDF) 103 Page - Nanya Technology Corporation.

No de pièce NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANYA [Nanya Technology Corporation.]
Site Internet  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Fiches technique(HTML) 103 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 99Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 100Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 101Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 102Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 103Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 104Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 105Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 106Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 107Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 120 page
background image
Version 1.3
103
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
MR1_Device Feature 1 (MA<7:0> = 01H)
MR#
MA <7:0>
Function
Access
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
1
01H
Device Feature1
W
nWR (for AP)
WC
BT
BL
OP<2:0>
BL (Burst Length)
Write-only
010B: BL4 (default)
011B: BL8
100B: BL16
All others: reserved
OP3
BT1 (Burst Type)
Write-only
0B: Sequential (default)
1B: Interleaved
OP4
WC (Wrap)
Write-only
0B: Wrap (default)
1B: No wrap (allowed for SDRAM BL4 only)
OP<7:5>
nWR2 (for AP)
Write-only
001B: nWR=3 (default)
010B: nWR =4
011B: nWR =5
100B: nWR =6
101B: nWR =7
110B: nWR =8
All others: reserved
Notes:
1.
BL16, interleaved is not an official combination to be supported.
2.
Programmed value in nWR register is the number of clock cycles which determines when to start internal precharge
operation for a write burst with AP enabled. It is determined by RU(tWR/tCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More