| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 198 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 198 Page - Freescale Semiconductor, Inc |
|
198 / 662 page ![]() Register Descriptions (ITCN_BASE = $1FFF20) 5685X Digital Signal Controller User Manual, Rev. 4 8-20 Freescale Semiconductor 8.7.7.3 Timer Channel 0 Input Edge Interrupt Priority Level (TINP0 IPL)—Bits 11–10 This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs are limited to priorities zero through two and are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 8.7.7.4 Timer Channel 0 Overflow Interrupt Priority Level (TOVF0 IPL)—Bits 9–8 This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs are limited to priorities zero through two and are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 8.7.7.5 Timer Channel 0 Compare Interrupt Priority Level (TCMP0 IPL)—Bits 7–6 This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs are limited to priorities zero through two and are disabled by default. • 00 = IRQ disabled (default) • 01 = IRQ is priority level 0 • 10 = IRQ is priority level 1 • 11 = IRQ is priority level 2 |