Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56857 Fiches technique(PDF) 540 Page - Freescale Semiconductor, Inc

No de pièce DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Fiches technique(HTML) 540 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 536Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 537Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 538Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 539Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 540Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 541Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 542Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 543Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 544Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-38
Freescale Semiconductor
18 of 24
ITCN
Fast Interrupt Match Register 0 (FIM0)
Bits
Name
Description
6 - 0
FIM0
Fast Interrupt Match 0
This value is used to declare which two IRQs will be Fast Interrupts. Fast Interrupt vector directly
to a service routine based on values in the Fast Interrupt Vector Address registers without having
to go to a jump table first. IRQs used as fast interrupts must be set to priority level two. Unexpected
results will occur if a fast interrupt vector is set to any other priority. Fast interrupts automatically
become the highest priority level two interrupts regardless of their actual location in the interrupt
table prior to being declared fast interrupts. Fast Interrupt 0 has priority over Fast Interrupt 1.
Fast Interrupt Match
Register 0 (FIM0)
$1FFF20 + $A
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 0
Write
Reset
000
0000
0000
0000
0
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More