| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 539 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 539 Page - Freescale Semiconductor, Inc |
|
539 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-37 17 of 24 ITCN Vector Base Address Register (VBA) Bits Name Description 12 - 0 VBA Vector Base Address The value in this register is used as the upper 13 bits of the interrupt vector VAB[20:0]. The lower eight bits are determined based on the highest priority interrupt, which are appended onto VBA before presenting the full VAB to the core. Vector Base Address Register (VBA) $1FFF20 + $9 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 VECTOR BASE ADDRESS Write Reset 000 0000 0000 0000 0 denotes Reserved Bits |