| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 526 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 526 Page - Freescale Semiconductor, Inc |
|
526 / 662 page ![]() Application: Date: Programmer: Sheet C 5685X Digital Signal Controller User Manual, Rev. 4 B-24 Freescale Semiconductor 4 of 24 ITCN Interrupt Priority Register 2 (IPR2) continued Interrupt Priority Register 2 (IPR2) $1FFF20 + $2 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read DMA2 IPL DMA1 IPL DMA0 IPL 0 0 LOCK IPL 0 0 IRQB IPL IRQA IPL Write Reset 0 0 0 0 0 0 0000 0000 00 Bits Name Description 7 - 6 LOCK IPL Loss of Lock Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 3 - 2 IRQB IPL External IRQB Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 1 - 0 IRQA IPL External IRQA Interrupt Priority Level This bit field is used to set the interrupt priority levels for this peripheral IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 denotes Reserved Bits |