| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 523 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 523 Page - Freescale Semiconductor, Inc |
|
523 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-21 1 of 24 ITCN Interrupt Priority Register 0 (IPR0) Interrupt Priority Register 0 (IPR0) $1FFF20 + $0 Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 BKPT_U0 IPL STPCNT IPL 0 0 0 0 0 0 0 0 0 0 Write Reset 0 0 0 0 0 0 000000 0000 Bits Name Description 13 - 12 BKPT_U0 IPL Breakpoint Unit 0 EOnCE Interrupt Priority Level This bit field is used to set the interrupt priority levels for this EOnCE IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 11 - 10 STPCENT IPL EOnCE Step Counter Interrupt Priority Level This bit field is used to set the interrupt priority levels for this EOnCE IRQ. 00 IRQ disabled by default 01 IRQ is priority level 1 10 IRQ is priority level 2 11 IRQ is priority level 3 denotes Reserved Bits |