| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7SCEC Fiches technique(PDF) 114 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Fiches technique(HTML) 114 Page - NXP Semiconductors |
|
114 / 152 page ![]() Boot mode configuration i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 114 5.2 Boot device interface allocation Table 90 lists the interfaces that can be used by the boot process in accordance with the specific Boot mode configuration. The table also describes the interface’s specific modes and IOMUXC allocation, which are configured during boot when appropriate. LCD1_DATA00 Input BT_CFG[0] 100K Pull Down Keeper Boot options, pin value overrides fuse settings for BT_FUSE_SEL=’0’. Signal configuration as fuse override input at power up. These are special I/O lines that control the boot configuration during product development. In production, the boot configuration can be controlled by fuses. LCD1_DATA01 Input BT_CFG[1] 100K Pull Down Keeper LCD1_DATA02 Input BT_CFG[2] 100K Pull Down Keeper LCD1_DATA03 Input BT_CFG[3] 100K Pull Down Keeper LCD1_DATA04 Input BT_CFG[4] 100K Pull Down Keeper LCD1_DATA05 Input BT_CFG[5] 100K Pull Down Keeper LCD1_DATA06 Input BT_CFG[6] 100K Pull Down Keeper LCD1_DATA07 Input BT_CFG[7] 100K Pull Down Keeper LCD1_DATA08 Input BT_CFG[8] 100K Pull Down Keeper LCD1_DATA09 Input BT_CFG[9] 100K Pull Down Keeper LCD1_DATA10 Input BT_CFG[10] 100K Pull Down Keeper LCD1_DATA11 Input BT_CFG[11] 100K Pull Down Keeper LCD1_DATA12 Input BT_CFG[12] 100K Pull Down Keeper LCD1_DATA13 Input BT_CFG[13] 100K Pull Down Keeper LCD1_DATA14 Input BT_CFG[14] 100K Pull Down Keeper LCD1_DATA15 Input BT_CFG[15] 100K Pull Down Keeper LCD1_DATA16 Input BT_CFG[16] 100K Pull Down Keeper LCD1_DATA17 Input BT_CFG[17] 100K Pull Down Keeper LCD1_DATA18 Input BT_CFG[18] 100K Pull Down Keeper LCD1_DATA19 Input BT_CFG[19] 100K Pull Down Keeper Table 90. Interface allocation during boot Interface IP Instance Allocated Pads During Boot Comment QSPI QSPI EPDC_D0, EPDC_D1, EPDC_D2, EPDC_D3, EPDC_D4, EPDC_D5, EPDC_D6, EPDC_D7, EPDC_D8, EPDC_D9, EPDC_D10, EPDC_D11, EPDC_D12, EPDC_D13, EPDC_D14, EPDC_D15 SPI ECSPI-1 ECSPI1_SCLK, ECSPI1_MOSI, ECSPI1_MISO, ECSPI1_SS0, UART1_RXD, UART1_TXD, UART2_RXD The chip-select pin used depends on the fuse "CS select (SPI only)" Table 89. Fuses and associated pins used for boot(continued) Pin Direction at Reset eFuse name State during reset (POR_B asserted) State after reset (POR_B deasserted) Details |