| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7SCEC Fiches technique(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Fiches technique(HTML) 94 Page - NXP Semiconductors |
|
94 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 94 ZOLP Single-ended output impedance. —110 — — Ω ΔZOLP(01-10) Single-ended output impedance mismatch driving opposite level —— — 20 % ΔZOLP(0-11) Single-ended output impedance mismatch driving same level —— — 5 % HS Line Receiver DC Specifications VIDTH Differential input high voltage threshold —— — 70 mV VIDTL Differential input low voltage threshold —-70 — — mV VIHHS Single ended input high voltage — — — 460 mV VILHS Single ended input low voltage —-40 — — mV VCMRXDC Input common mode voltage — 70 — 330 mV ZID Differential input impedance — 80 — 125 Ω LP Line Receiver DC Specifications VIL Input low voltage — — — 550 mV VIH Input high voltage — 920 — — mV VHYST Input hysteresis — 25 — — mV Contention Line Receiver DC Specifications VILF Input low fault threshold — 200 — 450 mV Table 69. Electrical and Timing Information(continued) Symbol Parameters Test Conditions Min Typ Max Unit |