| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7SCEC Fiches technique(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Fiches technique(HTML) 45 Page - NXP Semiconductors |
|
45 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 45 4.7 Output buffer impedance parameters This section defines the I/O impedance parameters of the i.MX 7Solo family of processors for the following I/O types: • Double Data Rate I/O (DDR) for LPDDR2, LPDDR3, and DDR3/DDR3L modes • Differential I/O (CCM_CLK1) • USB battery charger detection open-drain output (USB_OTG1_CHD_B) NOTE DDR I/O output driver impedance is measured with “long” transmission line of impedance Ztl attached to I/O pad and incident wave launched into transmission line. Rpu/Rpd and Ztl form a voltage divider that defines specific voltage of incident wave relative to OVDD. Output driver impedance is calculated from this voltage divider (see Figure 9). |