| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX7SCEC Fiches technique(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Fiches technique(HTML) 91 Page - NXP Semiconductors |
|
91 / 152 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017 NXP Semiconductors 91 (VSYNC), then CSI_HSYNC (HSYNC) is asserted and holds for the entire line. The pixel clock, CSI_PIXCLK (PIXCLK), is valid as long as HSYNC is asserted. Figure 61. CSI Gated Clock Mode—Sensor Data at Falling Edge, Latch Data at Rising Edge Figure 62. CSI Gated Clock Mode—Sensor Data at Rising Edge, Latch Data at Falling Edge Table 67. CSI Gated Clock Mode Timing Parameters ID Parameter Symbol Min. Max. Units P1 CSI_VSYNC to CSI_HSYNC time tV2H 33.5 — ns P2 CSI_HSYNC setup time tHsu 1 — ns P3 CSI DATA setup time tDsu 1 — ns CSI_PIXCLK CSI_VSYNC CSI_DATA[15:00] P5 P1 P3 P4 CSI_HSYNC P2 P6 P7 CSI_PIXCLK CSI_VSYNC CSI_DATA[15:00] P6 P1 P3 P4 CSI_HSYNC P2 P5 P7 |