Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX7SCEC Fiches technique(PDF) 102 Page - NXP Semiconductors

No de pièce IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Fiches technique(HTML) 102 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 98Page - NXP Semiconductors IMX7SCEC Datasheet HTML 99Page - NXP Semiconductors IMX7SCEC Datasheet HTML 100Page - NXP Semiconductors IMX7SCEC Datasheet HTML 101Page - NXP Semiconductors IMX7SCEC Datasheet HTML 102Page - NXP Semiconductors IMX7SCEC Datasheet HTML 103Page - NXP Semiconductors IMX7SCEC Datasheet HTML 104Page - NXP Semiconductors IMX7SCEC Datasheet HTML 105Page - NXP Semiconductors IMX7SCEC Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 152 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
102
4.10.10.2 DDR Mode
Figure 74. QuadSPI Input/Read Timing (DDR mode with internal sampling)
Figure 75. QuadSPI Input/Read Timing (DDR mode with loopback DQS sampling)
NOTE
•
For internal sampling, the timing values assumes using sample point 0,
that is QuadSPIx_SMPR[SDRSMP] = 0.
Table 75. QuadSPI Input/Read Timing (DDR mode with internal sampling)
Symbol
Parameter
Value
Unit
Min
Max
TIS
Setup time for incoming data
8.67
—
ns
TIH
Hold time requirement for incoming data
0
—
ns
Table 76. QuadSPI Input/Read Timing (DDR mode with loopback DQS sampling)
Symbol
Parameter
Value
Unit
Min
Max
TIS
Setup time for incoming data
2
—
ns
TIH
Hold time requirement for incoming data
1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More