Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 273 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 273 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 269Page - STMicroelectronics L9680 Datasheet HTML 270Page - STMicroelectronics L9680 Datasheet HTML 271Page - STMicroelectronics L9680 Datasheet HTML 272Page - STMicroelectronics L9680 Datasheet HTML 273Page - STMicroelectronics L9680 Datasheet HTML 274Page - STMicroelectronics L9680 Datasheet HTML 275Page - STMicroelectronics L9680 Datasheet HTML 276Page - STMicroelectronics L9680 Datasheet HTML 277Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 273 / 277 page
background image
DocID029257 Rev 1
273/277
L9680
Errata sheet
276
18
Errata sheet
Table 73. Errata sheet
#
Component
Revision
Category /
Function
Issue Description
1
L9680CC
Deployment
Diagnostic
The high side driver diagnostic, described in section on page
171, doesn’t work. As consequence, the ILIM_HS_FET parameter
is not tested in production.
2
L9680CC
WSS Over
current
detection
The over current threshold doesn’t work. The user can use the
leakage to ground flag to understand if a fault condition is
present. The interface is anyway protected by means of thermal
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More