| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 90 Page - STMicroelectronics |
|
90 / 277 page ![]() SPI interfaces L9680 90/277 DocID029257 Rev 1 7.3.17 WD1 timer control register (WD1T) ID: 2B Type: RW Read: 2B01 Write: 0056 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X WD1CTL[1:0] MISO 0 0 0 0 WD1_TIMER 0 0 0 0 0 0 WD1CTL[1:0] WD1CTL[1:0] 00 00 00 WD1 Control command Updated by SSM_RESET or SPI write 00 NOP 01 Code 'A' 10 Code 'B' 11 NOP WD1_TIMER $00 $00 $00 WD1 Window timer value Cleared by SSM_RESET or by WD1 refresh, incremented every 8μs or 64μs while in WD1_RUN or WD1_TEST states |