Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 62Page - STMicroelectronics L9680 Datasheet HTML 63Page - STMicroelectronics L9680 Datasheet HTML 64Page - STMicroelectronics L9680 Datasheet HTML 65Page - STMicroelectronics L9680 Datasheet HTML 66Page - STMicroelectronics L9680 Datasheet HTML 67Page - STMicroelectronics L9680 Datasheet HTML 68Page - STMicroelectronics L9680 Datasheet HTML 69Page - STMicroelectronics L9680 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 277 page
background image
SPI interfaces
L9680
66/277
DocID029257 Rev 1
22
1
ERR_WID
0
0
0
Write address of previous SPI frame is not permitted in
current operating phase
0 No Error
1 Error
21
0
ERR_RID
0
0
0
Read address received in the actual SPI frame is unused so
data in the response is don't care
0 No Error
1 Error
Table 7. Global SPI Global Status Word (continued)
MISO_G GSW
Name
POR WSM SSM
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More