| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 277 page ![]() DocID029257 Rev 1 69/277 L9680 SPI interfaces 276 0 VCORMON in range (VCORE_UV<VCOREMON<VCORE_OV) 1 VCOREMON out of range (VCOREMON<VCORE_UV, or VCOREMON>VCORE_OV) POR 1 - - Power on Reset Set when POR goes to '1', cleared upon SPI read 0 POR reset has not occurred 1 POR Reset has occurred |