| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 77 Page - STMicroelectronics |
|
77 / 277 page ![]() DocID029257 Rev 1 77/277 L9680 SPI interfaces 276 7.3.6 Power state register (POWER_STATE) ID: 05 Type: R Read: 0500 Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI -X X X X X X X X X X X X X X X X MISO 0 WAKEUP - - - WAKEUP pin status Set and cleared based on voltage 0 WAKEUP pin < WU_off 1 WAKEUP pin > WU_on VBBAD - - - VBATMON bad pin status Set and cleared based on voltage 1 VBATMON < VBBAD 0 VBATMON > VBBAD NOT_VBGOOD - - - VBATMON good pin status Set and cleared based on voltage 1 VBATMON < VBGOOD 0 VBATMON > VBGOOD VINBAD - - - VIN bad pin status Set and cleared based on voltage 0 VIN > VINBAD 1 VIN < VINBAD NOT_VINGOOD - - - VIN good pin status Set and cleared based on voltage 0 VIN > VINGOOD 1 VIN < VINGOOD S_BST_NOK - - - SYNCBOOST bad pin status |