| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 277 page ![]() DocID029257 Rev 1 21/277 L9680 Operative maximum ratings 276 96 ARM1 Arming Output 1 -0.1 VCC+0.1 <= 5.5 V 97 ARM2 Arming Output 2 -0.1 VCC+0.1 <= 5.5 V 98 ARM3 Arming Output 3 -0.1 VCC+0.1 <= 5.5 V 99 ARM4 Arming Output 4 -0.1 VCC+0.1 <= 5.5 V 100 GNDSUB2 Substrate ground / Squib ground -0.1 0.1 V - Exposed Pad Down Substrate ground / Squib ground -0.1 0.1 V Table 3. Operative maximum ratings (continued) Pin # Pin name Pin function Min Max Unit |