| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 277 page ![]() 1 1110010 $F2 R/W SAF_CONTROL_4 Safing record control X 1 1110011 $F3 R/W SAF_CONTROL_5 X 1 1110100 $F4 R/W SAF_CONTROL_6 X 1 1110101 $F5 R/W SAF_CONTROL_7 X 1 1110110 $F6 R/W SAF_CONTROL_8 X 1 1110111 $F7 R/W SAF_CONTROL_9 X 1 1111000 $F8 R/W SAF_CONTROL_10 X 1 1111001 $F9 R/W SAF_CONTROL_11 X 1 1111010 $FA R/W SAF_CONTROL_12 X 1 1111011 $FB R/W SAF_CONTROL_13 X 1 1111100 $FC R/W SAF_CONTROL_14 X 1 1111101 $FD R/W SAF_CONTROL_15 X 1 1111110 $FE R/W SAF_CONTROL_16 X 1 1111111 $FF R SAF_CC Safing Record Compare Complete 1. A check mark indicates in which operating state a WRITE-command is valid. 2. KEEP_ERBOOST_ON, LOW_POWER_MODE, VSF_V and VINGOOD_FILT_SEL bits are writable in all states, the other bits of SYS_CFG are only writable in INIT state. Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |