| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 277 page ![]() 0 1110110 $76 R AEPSTS_ARM4 Arming pulse stretch timer value 0 1110111 $77 0 1111000 $78 R/W PADTHRESH_HI Passenger Inhibit Thresholds X 0 1111001 $79 R/W PADTHRESH_LO X 0 1111010 $7A R/W LOOP_MATRIX_PSINH Assignment of PSINH signal to which LOOPS X 0 1111011 $7B 0 1111100 $7C 0 1111101 $7D 0 1111110 $7E 0 1111111 $7F R/W SAF_ENABLE Safing record enable X X X X 1 0000000 $80 R/W SAF_REQ_MASK_1 Safing record request mask X 1 0000001 $81 R/W SAF_REQ_MASK_2 X 1 0000010 $82 R/W SAF_REQ_MASK_3 X 1 0000011 $83 R/W SAF_REQ_MASK_4 X 1 0000100 $84 R/W SAF_REQ_MASK_5 X 1 0000101 $85 R/W SAF_REQ_MASK_6 X 1 0000110 $86 R/W SAF_REQ_MASK_7 X 1 0000111 $87 R/W SAF_REQ_MASK_8 X 1 0001000 $88 R/W SAF_REQ_MASK_9 X 1 0001001 $89 R/W SAF_REQ_MASK_10 X 1 0001010 $8A R/W SAF_REQ_MASK_11 X 1 0001011 $8B R/W SAF_REQ_MASK_12 X 1 0001100 $8C R/W SAF_REQ_MASK_13 X 1 0001101 $8D R/W SAF_REQ_MASK_14_pt1 X Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |