Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9680 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce L9680
Description  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 96Page - STMicroelectronics L9680 Datasheet HTML 97Page - STMicroelectronics L9680 Datasheet HTML 98Page - STMicroelectronics L9680 Datasheet HTML 99Page - STMicroelectronics L9680 Datasheet HTML 100Page - STMicroelectronics L9680 Datasheet HTML 101Page - STMicroelectronics L9680 Datasheet HTML 102Page - STMicroelectronics L9680 Datasheet HTML 103Page - STMicroelectronics L9680 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 277 page
background image
SPI interfaces
L9680
100/277
DocID029257 Rev 1
0 FET is off during diagnostic
1 FET is on during diagnostic
HS_DRV_OK
0
0
0 FET Test Status
Updated by SSM_RESET or Loops diagnostic state machine or when driver
full path test is run test is run
0 HS squib driver full path test did not complete successfully
1 HS squib driver full path test complete successfully
HSR_HI
0
0
0 HSR Diagnostic - HIGH Range
Updated by SSM_RESET or Loops diagnostic state machine or when squib
resistance test is run
0 HSR measurement < HSR HIGH value
1 HSR measurement > HSR HIGH value
HSR_LO
0
0
0 HSR Diagnostic - Low Range
Updated by SSM_RESET or Loops diagnostic state machine or when squib
resistance test is run
1 HSR measurement< HSR LOW value
0 HSR measurement > HSR LOW value
RES_MEAS_CHSEL[3:0] 0000 0000 0000 Channel selected for
resistance measurement
HIGH_LEV_DIAG_SELECTED[3:0]
Updated by SSM_RESET or Loops diagnostic state machine or as
determined by squib resistance channel selected
0000 = Ch 0
0000 No diagnostic selected
0001 = Ch 1
0001 VRCM CHECK
0010 = Ch 2
0010 Leakage CHECK
0011 = Ch 3
0011 Short Between Loops CHECK
0100 = Ch 4
0100 Unused
0101 = Ch 5
0101Squib resistance range CHECK
0110 = Ch 6
0110 Squib resistance measurement
0111 = Ch 7
0111 FET test
1000 = Ch 8
1000 - 1111 Unused
1001 = Ch 9
1010 = Ch A
1011 = Ch B
0100 - 1111 None Selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More