| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 142 Page - STMicroelectronics |
|
142 / 277 page ![]() SPI interfaces L9680 142/277 DocID029257 Rev 1 E700 (SAF_THRESHOLD_9) E800 (SAF_THRESHOLD_10) E900 (SAF_THRESHOLD_11) EA00 (SAF_THRESHOLD_12) EB00 (SAF_THRESHOLD_13) EC00 (SAF_THRESHOLD_14) ED00 (SAF_THRESHOLD_15) EE00 (SAF_THRESHOLD_16) Write: 80BE (SAF_THRESHOLD_1) 80C0 (SAF_THRESHOLD_2) 80C2 (SAF_THRESHOLD_3) 80C4 (SAF_THRESHOLD_4) 80C6 (SAF_THRESHOLD_5) 80C8 (SAF_THRESHOLD_6) 80CA (SAF_THRESHOLD_7) 80CC (SAF_THRESHOLD_8) 80CE (SAF_THRESHOLD_9) 80D0 (SAF_THRESHOLD_10) 80D2 (SAF_THRESHOLD_11) 80D4 (SAF_THRESHOLD_12) 80D6 (SAF_THRESHOLD_13) 80D8 (SAF_THRESHOLD_14) 80DA (SAF_THRESHOLD_15) 80DB (SAF_THRESHOLD_16) SAF_THRESHOLD_x $FFFF $FFFF $FFFF Safing threshold for safing record x - 16-bit threshold used for safing data comparison Updated by SSM_RESET or SPI write while in DIAG state |