| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 132 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 132 Page - STMicroelectronics |
|
132 / 277 page ![]() SPI interfaces L9680 132/277 DocID029257 Rev 1 8200 (SAF_REQ_MASK_3) 8300 (SAF_REQ_MASK_4) 8400 (SAF_REQ_MASK_5) 8500 (SAF_REQ_MASK_6) 8600 (SAF_REQ_MASK_7) 8700 (SAF_REQ_MASK_8) 8800 (SAF_REQ_MASK_9) 8900 (SAF_REQ_MASK_10) 8A00 (SAF_REQ_MASK_11) 8B00 (SAF_REQ_MASK_12) 8C00 (SAF_REQ_MASK_13) 8D00 (SAF_REQ_MASK_14_pt1 8E00 (SAF_REQ_MASK_14_pt2) 8F00 (SAF_REQ_MASK_15_pt1) 9000 (SAF_REQ_MASK_15_pt2) 9100 (SAF_REQ_MASK_16_pt1) 9200 (SAF_REQ_MASK_16_pt2) Write: 8000 (SAF_REQ_MASK_1) 8002 (SAF_REQ_MASK_2) 8004 (SAF_REQ_MASK_3) 8006 (SAF_REQ_MASK_4) 8008 (SAF_REQ_MASK_5) 800A (SAF_REQ_MASK_6) 800C (SAF_REQ_MASK_7) 800E (SAF_REQ_MASK_8) 8010 (SAF_REQ_MASK_9) 8012 (SAF_REQ_MASK_10) 8014 (SAF_REQ_MASK_11) 8016 (SAF_REQ_MASK_12) 8018 (SAF_REQ_MASK_13) 801A (SAF_REQ_MASK_14_pt1 801C (SAF_REQ_MASK_14_pt2) 801E (SAF_REQ_MASK_15_pt1) 8020 (SAF_REQ_MASK_15_pt2) 8022 (SAF_REQ_MASK_16_pt1) 8424 (SAF_REQ_MASK_16_pt2) SAF_REQ_MASKx[15:0] $0000$0000$0000Safing Request Mask for safing record x - 16-bit request mask that is bit- wise ANDed with MOSI data from SPI monitor Updated by SSM_RESET or SPI write while in DIAG state |