| Moteur de recherche de fiches techniques de composants électroniques |
|
L9680 Fiches technique(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 Fiches technique(HTML) 109 Page - STMicroelectronics |
|
109 / 277 page ![]() DocID029257 Rev 1 109/277 L9680 SPI interfaces 276 ADC D control command (DIAGCTRL_D) ID: 3D Type: RW Read: 3D00 Write: 007A 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X ADCREQ_D[6:0] MISO 0 0 ADCREQ_D[6:0] ADCRES_D[9:0] NEWDATA_x 0 0 0 New data available from convertion Updated by SSM_RESET or ADC state machine 0 cleared on read 1 convertion finished ADCREQ_x[6:0] $00 $00 $00 ADC Request select command Updated by SSM_RESET or SPI write to DIAGCTRL_x Measurement $00 Unused $01 Ground Ref $02 Full scale Ref $03 DCSx voltage $04 DCSx current $05 DCSx resistance $06 Squib x resistance $07 Internal BG reference voltage (BGR) $08 Internal BG monitor voltage (BGM) $09 Vcore $0A Temperature $0B DCS 0 voltage $0C DCS 1 voltage $0D DCS 2 voltage $0E DCS 3 voltage $0F DCS 4 voltage $10 DCS 5 voltage $11 DCS 6 voltage $12 DCS 7 voltage $13 DCS 8 voltage |