Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF36N60M6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STF36N60M6 Datasheet

  • # Example questions: ➢ What type of package is the stf36n60m6 available in?
    ➢ When was the first release of this document?
    ➢ What is the primary disclaimer regarding liability stated in the 'important notice' section?

  • Part No.STF36N60M6
    ManufacturerSTMICROELECTRONICS
    Size260 Kbytes
    Pages13 pages
    DescriptionN-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFET in a TO-220FP package
    Datasheet Summary with AI

    Document Type: Datasheet

    Product: STF36N60M6 (N-channel Power MOSFET)

    Key Features/Information:

    ️· Electrical Ratings: Specifies maximum voltage, current, power dissipation, etc.
    ️· Electrical Characteristics: Detailed tables of parameters like threshold voltage, on-resistance, gate charge, capacitance, and reverse recovery charge. Includes performance curves (graphs) showing how these parameters vary with current, voltage, and temperature.
    ️· Test Circuits: Provides diagrams of the test setups used to measure the electrical characteristics.
    ️· Package Information: Details about the TO-220FP package used for the device, including mechanical dimensions and layout.
    ️· Revision History: Tracks changes made to the datasheet over time.
    ️· ECOPACK: Mentions the availability of the device in environmentally friendly ECOPACK packages.

    Main Purpose:

    The datasheet provides all the necessary electrical, mechanical, and thermal information for engineers to design with the STF36N60M6 MOSFET in their applications. It's a critical document for selection, application, and testing.

    In essence, it's a comprehensive specification document that defines the performance and characteristics of the MOSFET.

    Document Type: Datasheet

    Product: STF36N60M6 (N-channel Power MOSFET)

    Key Features/Information:

    ️· Electrical Ratings: Specifies maximum voltage, current, power dissipation, etc.
    ️· Electrical Characteristics: Detailed tables of parameters like threshold voltage, on-resistance, gate charge, capacitance, and reverse recovery charge. Includes performance curves (graphs) showing how these parameters vary with current, voltage, and temperature.
    ️· Test Circuits: Provides diagrams of the test setups used to measure the electrical characteristics.
    ️· Package Information: Details about the TO-220FP package used for the device, including mechanical dimensions and layout.
    ️· Revision History: Tracks changes made to the datasheet over time.
    ️· ECOPACK: Mentions the availability of the device in environmentally friendly ECOPACK packages.

    Main Purpose:

    The datasheet provides all the necessary electrical, mechanical, and thermal information for engineers to design with the STF36N60M6 MOSFET in their applications. It's a critical document for selection, application, and testing.

    In essence, it's a comprehensive specification document that defines the performance and characteristics of the MOSFET.

    Part No.STF36N60M6
    ManufacturerSTMICROELECTRONICS
    Size260 Kbytes
    Pages13 pages
    DescriptionN-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFET in a TO-220FP package