| Moteur de recherche de fiches techniques de composants électroniques |
|
LC823450 Fiches technique(PDF) 23 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 Fiches technique(HTML) 23 Page - ON Semiconductor |
|
23 / 112 page ![]() LC823450 www.onsemi.com 23 Table 10. TERMINAL FUNCTIONS (continued) Terminal Name Available ( d) IO POWER Function Direction Polarity Multiplexed Function RA XB,XD XA,XC TA IO POWER TIMER TIOCA01 − B MTM0 Ch1A − target signal of pulse−length−reader function − output of sentinel−inform−function − output of PWM output VddSD2 d (Note 7) d d SDCMD2 − B SD I/F Ch2 command line d d d d PHI1 − O System Clock Output 1 d d d d GPIO0A − B GPIO d d d d EXTINT0A − I External Interrupt 0−bit10 d (Note 7) d d TIOCB00 − B MTM0 Ch0B − target signal of pulse−length−reader function − output of sentinel−inform−function Vdd2 d d d d DIN1 − I PCM1 Data Input d d d d DMDIN0 − I Digital Mic Data Ch0 Input d d d d GPIO02 − B GPIO d d d d EXTINT02 − I External Interrupt 0−bit2 d (Note 7) d d TIOCB01 − B MTM0 Ch1B − target signal of pulse−length−reader function − output of sentinel−inform−function VddQSPI d d d d DMCKO0 − O Digital Mic Clock Ch0 Output d d d d QSCS Neg O Serial I/Fch1 QSPI chip select *While Serial Flash Boot, this is used as chip select of Serial Flash d d d d GPIO03 − B GPIO d d d d EXTINT03 − I External Interrupt 0−bit3 d d d d TCLKA0 − I MTM0 external Clock A Vdd2 d d d d BCK1 − B PCM1 bit Clock d d d d GPIO00 − B GPIO d d d d EXTINT00 − I External Interrupt 0−bit0 d d d d TCLKB0 − I MTM0 external Clock B Vdd2 d d d d LRCK1 − B PCM1 LR Clock d d d d GPIO01 − B GPIO d d d d EXTINT01 − I External Interrupt 0−bit1 d d d d Sum 6 6 6 6 PCM I/F MCLK0 Pos B PCM0 master Clock Vdd2 d d d d MCLK1 Pos B PCM1 master Clock d d d d GPIO18 − B GPIO d d d d EXTINT18 − I External Interrupt 1−bit8 d d d d |