| Moteur de recherche de fiches techniques de composants électroniques |
|
LC823450 Fiches technique(PDF) 17 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 Fiches technique(HTML) 17 Page - ON Semiconductor |
|
17 / 112 page ![]() LC823450 www.onsemi.com 17 Table 7. LPDSP32 − DMB Address Master/Slave LPDSP32 DMB 0x98 0000 reserved 0x97 8000 32 KB Internal SRAM (seg 8) Shadow Area d 0x94 0000 224 KB Internal SRAM (seg 7) Shadow Area d 0x90 0000 256 KB Internal SRAM (seg 6) Shadow Area d 0x8C 0000 256 KB Internal SRAM (seg 5) Shadow Area d 0x8A 0000 128 KB Internal SRAM (seg 4) Shadow Area d 0x88 0000 128 KB Internal SRAM (seg 3) Shadow Area d 0x84 0000 256 KB Internal SRAM (seg 2) Shadow Area d 0x82 0000 128 KB Internal SRAM (seg 1) Shadow Area d 0x80 0000 128 KB Internal SRAM (seg 0) Shadow Area d Table 8. LPDSP32 − DMIO Address Master/Slave LPDSP32 DMIO 0xF0 1000 reserved 0xF0 0000 SDRAM CTRL d 0xD0 0000 SDRAM Memory Area d 0xC6 5000 reserved 0xC6 4000 Audio Controls d 0xC6 3000 MP3 Encoder d 0xC6 2000 MP3 Decoder d 0xC6 1000 Audio Functions d 0xC6 0000 Audio Buffer d 0xC4 A000 Reserved 0xC4 9000 Plain Timer2 d 0xC4 8000 Plain Timer1 d 0xC4 7000 Plain Timer0 d 0xC4 6000 Multiple Timer3 d 0xC4 5000 Multiple Timer2 d 0xC4 4000 Multiple Timer1 d 0xC4 3000 Multiple Timer0 d 0xC4 2000 Audio PLL d 0xC4 1000 System PLL d 0xC4 0000 OSC System d 0xC0 7000 Reserved 0xC0 6000 DSP CMDIF d |