| Moteur de recherche de fiches techniques de composants électroniques |
|
LC823450 Fiches technique(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 Fiches technique(HTML) 14 Page - ON Semiconductor |
|
14 / 112 page ![]() LC823450 www.onsemi.com 14 Other Area (Cortex−M3) Table 5. OTHER AREA (CORTEX−M3) Address Master/Slave Cortex−M3−0 Cortex−M3−1 DMAC USB20HC System − Bus I−Bus D−Bus System − Bus I−Bus D−Bus EHCI OHCI 0xE010 0000 Reserved 0xE00F F000 ROM Table d (Note 6) d (Note 6) 0xE00F E000 CORE REG d (Note 6) d (Note 6) 0xE004 1000 Reserved 0xE004 0000 TPIU d (Note 6) d (Note 6) 0xE000 F000 Reserved 0xE000 E000 NVIC d (Note 6) d (Note 6) 0xE000 3000 Reserved 0xE000 2000 FPB d (Note 6) d (Note 6) 0xE000 1000 DWT d (Note 6) d (Note 6) 0xE000 0000 ITM d (Note 6) d (Note 6) 0x6400 1000 Reserved 0x6400 0000 SDRAM CTRL d d 0x6200 0000 Reserved 0x6000 0000 SDRAM Memory Area d d d 0x4008 F000 Reserved 0x4008 E000 RTC d d 0x4008 D000 UART2 d d d 0x4008 C000 UART1 d d d 0x4008 B000 UART0 d d d 0x4008 A000 I2C1 d d 0x4008 9000 I2C0 d d 0x4008 8000 SPI d d d 0x4008 7000 ADC d d d |