Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC823450 Fiches technique(PDF) 7 Page - ON Semiconductor

No de pièce LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Fiches technique(HTML) 7 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 3Page - ON Semiconductor LC823450 Datasheet HTML 4Page - ON Semiconductor LC823450 Datasheet HTML 5Page - ON Semiconductor LC823450 Datasheet HTML 6Page - ON Semiconductor LC823450 Datasheet HTML 7Page - ON Semiconductor LC823450 Datasheet HTML 8Page - ON Semiconductor LC823450 Datasheet HTML 9Page - ON Semiconductor LC823450 Datasheet HTML 10Page - ON Semiconductor LC823450 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
LC823450
www.onsemi.com
7
Audio
MCLK0/
BCK0/
LRCK0
Internal Bus
MP3
Encoder
MP3
Decoder
SSRC
PCM output
VOLUME
(PS0)
32
VOLUME
(SP0)
DIN0
(PCM input)
DOUT0
(PCM output)
PCM
PS0
METER
(SP0)
BEEP
24
MUTE
(PS0)
PCMSP
0
METER
(PS0)
PCM input
S
I
N
S
E
L
1
0
SINGEN
VOLUME
(DEC)
32
AudioTimer0
LRCK0
METER
(DEC)
MUTE
(DEC)
EQ3
EQ3
64KB SRAM divided into
A ~ N Audio Buffers
by register settings
16bit
Audio
DAC
Class−D
AMP
32
0
1
24
24
8
24
16
16
8
P
C
M
S
E
L
0
1
Digtal
Mic
DMCKO0
DMDIN0
32
RAM
RAM
RAM
RAM
A buffer
B buffer
C buffer
D buffer
E buffer
F buffer
K buffer
L buffer
Dredirect
Eredirect
Gredirect
Eredirect
Gredirect
Eredirect
Dredirect
Gredirect
Dredirect
Eredirect
M buffer
N buffer
Dredirect
Eredirect
32
Jredirect
Jredirect
Jredirect
Gredirect
Gredirect
G buffer
H buffer
Gredirect
Dredirect
Eredirect
Jredirect
32
PCM output
PCM
PS1
PCM
SP1
PCM input
DIN1
(PCM input)
DOUT1
(PCM output)
Lredirect
Lredirect
Lredirect
Lredirect
Jredirect
Jredirect
I buffer
J buffer
Dredirect
Eredirect
Gredirect
Lredirect
Nredirect
Nredirect
Nredirect
Nredirect
Nredirect
Nredirect
Lredirect
ASRC
VOLUME
(SP1)
METER
(SP1)
VOLUME
(PS1)
METER
(PS1)
24
S
E
L
DMCKO1
DMDIN1
24
32
32
32
32
32
32
RAM
RAM
RAM
RAM
RAM
Bit conv
32Bit conv
RAM
Bit conv
RAM
Bit conv
RAM
Bit conv
32Bit conv
RAM
Bit conv
32Bit conv
24
RAM
Bit conv
32Bit conv
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
BIT1−0, MONO
CBIT1−0, CMONO
CBIT1−0, CMONO
MCLK1/
BCK1/
LRCK1
AudioTimer1
LRCK1
LOUT
ROUT
DWNMIX
(PS0)
DWNMIX
(PS1)
D
E
C
S
E
L
Figure 3. Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More