Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC823450 Fiches technique(PDF) 18 Page - ON Semiconductor

No de pièce LC823450
Description  Low Power & High-Resolution Audio Processing System LSI
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450 Fiches technique(HTML) 18 Page - ON Semiconductor

Back Button LC823450 Datasheet HTML 14Page - ON Semiconductor LC823450 Datasheet HTML 15Page - ON Semiconductor LC823450 Datasheet HTML 16Page - ON Semiconductor LC823450 Datasheet HTML 17Page - ON Semiconductor LC823450 Datasheet HTML 18Page - ON Semiconductor LC823450 Datasheet HTML 19Page - ON Semiconductor LC823450 Datasheet HTML 20Page - ON Semiconductor LC823450 Datasheet HTML 21Page - ON Semiconductor LC823450 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
LC823450
www.onsemi.com
18
Table 8. LPDSP32 − DMIO (continued)
Address
LPDSP32
Master/Slave
Address
DMIO
Master/Slave
0xC0 5000
MUTEX REG
d
0xC0 4000
DMAC
d
0xC0 3000
INTC
d
0xC0 0000
Reserved
Table 9. LPDSP32 − PM
Address
Master/Slave
LPDSP32
PM
0x48 3332
Reserved
0x48 0000
32 KB Internal SRAM (seg 8)
f
0x41 6666
Reserved
0x40 0000
224 KB Internal SRAM (seg 7)
f
0x39 9998
Reserved
0x38 0000
256 KB Internal SRAM (seg 6)
f
0x31 9998
Reserved
0x30 0000
256 KB Internal SRAM (seg 5)
f
0x28 CCCC
Reserved
0x28 0000
128 KB Internal SRAM (seg 4)
f
0x20 CCCC
Reserved
0x20 0000
128 KB Internal SRAM (seg 3)
f
0x19 9998
Reserved
0x18 0000
256 KB Internal SRAM (seg 2)
f
0x10 CCCC
Reserved
0x10 0000
128 KB Internal SRAM (seg 1)
f
0x08 CCCC
Reserved
0x08 0000
128 KB Internal SRAM (seg 0)
f
0x00 C000
Reserved
0x00 0000
120 KB Internal SRAM (seg 9)
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More