| Moteur de recherche de fiches techniques de composants électroniques |
|
LC823450 Fiches technique(PDF) 108 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC823450 Fiches technique(HTML) 108 Page - ON Semiconductor |
|
108 / 112 page ![]() LC823450 www.onsemi.com 108 Rush Current This LSI has the circuits to protect from electrostatic discharge. The rush current flows in accordance with the steepness of rising curve of power supply. ORDERING INFORMATION Device Package Shipping (Qty / Packing)† LC823450TA−2H TQFP128 14x14 / TQFP128L (Pb−Free / Halogen Free) 450 / Tray JEDEC LC823450XATBG WLCSP154, 5.52x5.33 (Pb−Free / Halogen Free) 1000 / Tape & Reel LC823450XBTBG WLCSP154, 5.52x5.33 (Pb−Free / Halogen Free) 1000 / Tape & Reel LC823450XCTBG WLCSP154, 5.52x5.33 (Pb−Free / Halogen Free) 1000 / Tape & Reel LC823450XDTBG WLCSP154, 5.52x5.33 (Pb−Free / Halogen Free) 1000 / Tape & Reel LC823450RAH−2H LFBGA240 (Pb−Free / Halogen Free) 840 / Tray JEDEC †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |