Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Fiches technique(PDF) 4 Page - Holtek Semiconductor Inc

No de pièce BC9824
Description  Low Power High Performance Low Power High Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC9824 Fiches technique(HTML) 4 Page - Holtek Semiconductor Inc

  BC9824 Datasheet HTML 1Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 2Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 3Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 4Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 5Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 6Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 7Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 8Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev. 1.00
4
October 20, 2015
BC9824
Name
Parameter (Condition)
Min
Typical
Max
Unit
Comment
C/I +2ND
ACS C/I 2MHz (1Mbps)
-24
dB
C/I -2ND
ACS C/I 2MHz (1Mbps)
-12
dB
C/I +3RD
ACS C/I 3MHz (1Mbps)
-28
dB
C/I -3RD
ACS C/I 3MHz (1Mbps)
-16
dB
C/I CO
Co-channel C/I (250Kbps)
9
dB
C/I +1ST
ACS C/I 1MHz (250Kbps)
-13
dB
C/I -1ST
ACS C/I 1MHz (250Kbps)
-16
dB
C/I +2ND
ACS C/I 2MHz (250Kbps)
-25
dB
C/I -2ND
ACS C/I 2MHz (250Kbps)
-9
dB
C/I +3RD
ACS C/I 3MHz (250Kbps)
-33
dB
C/I -3RD
ACS C/I 3MHz (250Kbps)
-33
dB
Note:*DeviceisESDsensitive.HBM(HumanBodyMode)isbasedonMIL-STD-883HMethod3015.8.MM
(MachineMode)isbasedonJEDECEIA/JESD22-A115.
Function Description
State Control
State Control Diagram
• Pinsignal:VDD,CE
• SPIregister:PWR_UP,PRIM_RX,EN_AA,NO_
ACK,ARC,ARD
• Systeminformation:Timeout,ACKreceived,
ARDelapsed,ARC_CNT,TXFIFOempty,ACK
packettransmitted,Packetreceived
BC9824hasbuilt-instatemachinesthatcontrolthe
statetransitionbetweendifferentmodes.
Whenautoacknowledgefeatureisdisabled,state
transitionwillbefullycontrolledbyMCU.
Power Down Mode
InpowerdownmodeBC9824isinsleepmodewith
minimalcurrentconsumption.SPIinterfaceisstillac-
tiveinthismode,andallregistervaluesareavailable
bySPI.Powerdownmodeisenteredbysettingthe
PWR_UPbitintheCONFIGregistertolow.
Standby-I Mode
BysettingthePWR_UPbitintheCONFIGregisterto
1andde-assertingCEto0,thedeviceentersstandby-I
mode.Standby-Imodeisusedtominimizeaverage
currentconsumptionwhilemaintainingshortstart-
uptime.Inthismode,partofthecrystaloscillator
isactive.ThisisalsothemodewhichtheBC9824
returnstofromTXorRXmodewhenCEissetlow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com