Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Fiches technique(PDF) 2 Page - Holtek Semiconductor Inc

No de pièce BC9824
Description  Low Power High Performance Low Power High Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC9824 Fiches technique(HTML) 2 Page - Holtek Semiconductor Inc

  BC9824 Datasheet HTML 1Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 2Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 3Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 4Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 5Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 6Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 7Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 8Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Rev. 1.00
2
October 20, 2015
BC9824
Pin Assignment
MOSI
BC9824
20 QFN-A
VDDPA
RFP
RFN
VSS
VDD3RXRF
CSN
IRQ
MISO
CE
1
2
3
4
5
67
89
10
11
12
13
14
15
16
17
18
19
20
Pin Description
Pin No.
Symbol
I/O
Function Description
RF and Analog
2
RFP
RF
RF output (PA)/input (LNA), port P
3
RFN
RF
RF output (PA)/input (LNA), port N
7
CDVDD
O
Digital regulator output decoupling capacitor
18
XTALP
O
Crystal oscillator, node P (inverter output)
19
XTALN
I
Crystal oscillator, node N (inverter input)
Digital
11
CE
DI
Chip enable activates RX or TX mode
12
CSN
DI
SPI chip select, active low
13
IRQ
DO
Maskable interrupt pin, active low
14
MISO
DO
SPI slave data output with tri-state option
15
MOSI
DI
SPI slave data input
16
SCK
DI
SPI clock
Power and Ground
1
VDDPA
Power
1.8V regulator output for PA,TX:1.8V, RX:0V
5
VDD3RXRF
Power
RX front-end power supply (1.9V to 3.6V DC)
6
VDD3IF
Power
RX/TX IF power supply (1.9V to 3.6V DC)
8
VDD3B
Power
Digital power supply (1.9V to 3.6V DC)
4
VSS
Ground
Ground (0V)
9
VSS
Ground
Ground (0V)
17
VSS
Ground
Ground (0V)
20
VSS
Ground
Ground (0V)
10
NC
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com