Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Fiches technique(PDF) 10 Page - Holtek Semiconductor Inc

No de pièce BC9824
Description  Low Power High Performance Low Power High Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC9824 Fiches technique(HTML) 10 Page - Holtek Semiconductor Inc

Back Button BC9824 Datasheet HTML 6Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 7Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 8Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 9Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 10Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 11Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 12Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 13Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Rev. 1.00
10
October 20, 2015
BC9824
Command name
Command word
(binary)
# Data bytes
Operation
R_REGISTER
000A AAAA
1 to 5
LSB byte first
Read command and status registers. AAAAA =
5 bit Register Map Address
W_REGISTER
001A AAAA
1 to 5
LSB byte first
Write command and status registers. AAAAA = 5
bit Register Map Address
Executable in power down or standby modes only.
R_RX_PAYLOAD
0110 0001
1 to 32
LSB byte first
Read RX-payload: 1 – 32 bytes. A read operation always
starts at byte 0. Payload is deleted from FIFO after it is
read. Used in RX mode.
W_TX_PAYLOAD
1010 0000
1 to 32
LSB byte first
Write TX-payload: 1 – 32 bytes. A write operation always
starts at byte 0 used in TX payload.
FLUSH_TX
1110 0001
0
Flush TX FIFO, used in TX mode
FLUSH_RX
1110 0010
0
Flush RX FIFO, used in RX mode
Should not be executed during transmission of
acknowledge, that is, acknowledge package will not be
completed.
REUSE_TX_PL
1110 0011
0
Used for a PTX device
Reuse last transmitted payload. Packets are repeatedly
retransmitted as long as CE is high.
TX payload reuse is active until
W_TX_PAYLOAD or FLUSH TX is executed. TX
payload reuse must not be activated or deactivated
during package transmission
ACTIVATE
0101 0000
1
This write command followed by data 0x73 activates the
following features:
• R_RX_PL_WID
• W_ACK_PAYLOAD
• W_TX_PAYLOAD_NOACK
A new ACTIVATE command with the same data
deactivates them again. This is executable in power
down or stand by modes only.
The R_RX_PL_WID, W_ACK_PAYLOAD, and
W_TX_PAYLOAD_NOACK features registers are initially
in a deactivated state; a write has no effect, a read only
results in zeros on MISO. To activate these registers,
use the ACTIVATE command followed by data 0x73.
Then they can be accessed as any other register. Use
the same command and data to deactivate the registers
again.
This write command followed by data 0x53 toggles the
register bank, and the current register bank number can
be read out from REG7 [7]
R_RX_PL_WID
0110 0000
Read RX-payload width for the top R_RX_PAYLOAD in
the RX FIFO.
W_ACK_
PAYLOAD
1010 1PPP
1 to 32
LSB byte first
Used in RX mode.
Write Payload to be transmitted together with
ACK packet on PIPE PPP. (PPP valid in the range from
000 to 101). Maximum three ACK packet payloads can
be pending. Payloads with same PPP are handled using
first in - first out principle. Write payload: 1– 32 bytes. A
write operation always starts at byte 0.
W_TX_PAYLOAD_
NO
ACK
1011 0000
1 to 32
LSB byte first
Used in TX mode. Disables AUTOACK on this specific
packet.
NOP
1111 1111
0
No Operation. Might be used to read the STATUS
register
SPI Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com