Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Fiches technique(PDF) 1 Page - Holtek Semiconductor Inc

No de pièce BC9824
Description  Low Power High Performance Low Power High Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC9824 Fiches technique(HTML) 1 Page - Holtek Semiconductor Inc

  BC9824 Datasheet HTML 1Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 2Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 3Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 4Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 5Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 6Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 7Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 8Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Rev. 1.00
1
October 20, 2015
Rev. 1.00
PB
October 26, 2015
BC9824
Low Power High Performance
2.4GHz GFSK Transceiver
Features
• 2400-2483.5MHzISMbandoperation
• Support250Kbps,1Mbpsand2Mbpsairdatarate
• Programmableoutputpower
• Lowpowerconsumption
• Tolerate±60ppm16MHzcrystal
• Variablepayloadlengthfrom1to32bytes
• Automaticpacketprocessing
• 6datapipesfor1:6starnetworks
• 1.9Vto3.6Vpowersupply
• 4-pinSPIinterfacewithmaximum8MHzclockrate
• 20-pinQFNpackage
Applications
• WirelessPCperipherals
• Wirelessmiceandkeyboards
• Wirelessgamepads
• Wirelessaudio
• VOIPandwirelessheadsets
• Remotecontrols
• Consumerelectronics
• Homeautomation
• Toys
• Personalhealthandentertainment
General Description
BC9824isaGFSKtransceiveroperatingintheworld
wideISMfrequencybandat2400~2483.5MHz.Burst
modetransmissionandupto2Mbpsairdataratemake
themsuitableforapplicationsrequiringultralow
powerconsumption.Theembeddedpacketprocessing
enginesenabletheirfulloperationwithaverysimple
MCUasaradiosystem.Autore-transmissionand
autoacknowledgegivereliablelinkwithoutanyMCU
interference.
BC9824operatesinTDDmode,eitherasatransmitter
orasareceiver.
TheRFchannelfrequencydeterminesthecenterof
thechannelusedbyBC9824.Thefrequencyissetby
theRF_CHregisterinregisterbank0accordingtothe
followingformula:F0=2400+RF_CH(MHz).The
resolutionoftheRFchannelfrequencyis1MHz.
Atransmitterandareceivermustbeprogrammed
withthesameRFchannelfrequencytobeableto
communicatewitheachother.
TheoutputpowerofBC9824issetbytheRF_PWR
bitsintheRF_SETUPregister.
Demodulationisdonewithembeddeddataslicerand
bitrecoverylogic.Theairdataratecanbeprogrammed
to250Kbps,1Mbpsor2MbpsbyRF_DR_HIGHand
RF_DR_LOWregister.Atransmitterandareceiver
mustbeprogrammedwiththesamesetting.
Inthefollowingchapters,allregistersareinregister
bank0exceptwithexplicitclaim.
Block Diagram
Integrated
TDD RF
Transceiver
XTALN
XTALP
FM
Demodulator
FM
Modulator
Data Slicer
Rx FIFO
Tx FIFO
Gaussian shaping
Packet
Processing &
State Control
SPI
Interface
Power
Management
CE
IRQ
CSN
SCK
MOSI
MISO
RFP
RFN
Register
banks


Numéro de pièce similaire - BC9824

FabricantNo de pièceFiches techniqueDescription
logo
Quectel Wireless Soluti...
BC92 QUECTEL-BC92 Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
BC95-G QUECTEL-BC95-G Datasheet
562Kb / 2P
Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
More results

Description similaire - BC9824

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A Datasheet
534Kb / 32P
Low-power, High-performance Modulators
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_14 Datasheet
510Kb / 377P
High performance, low power Atme
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
High Performance, Low Power AVR
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
High Performance, Low Power Atmel
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
High Performance, Low Power AVR
ATMEGA406 ATMEL-ATMEGA406_14 Datasheet
2Mb / 263P
High Performance, Low Power AVR
ATMEGA644V ATMEL-ATMEGA644V_14 Datasheet
746Kb / 376P
High-performance, Low-power Atmel
ATMEGA8515 ATMEL-ATMEGA8515_14 Datasheet
236Kb / 257P
High-performance, Low-power AVR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com