Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC9824 Fiches technique(PDF) 21 Page - Holtek Semiconductor Inc

No de pièce BC9824
Description  Low Power High Performance Low Power High Performance
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC9824 Fiches technique(HTML) 21 Page - Holtek Semiconductor Inc

Back Button BC9824 Datasheet HTML 14Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 15Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 16Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 17Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 18Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 19Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 20Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 21Page - Holtek Semiconductor Inc BC9824 Datasheet HTML 22Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Rev. 1.00
21
October 20, 2015
BC9824
SAW Type 20-pin (4mm×4mm) QFN Outline Dimensions
E
e
b
A1
A3
A
D2
E2
K
1
5
6
10
16
20
L
11
15
D
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.031
0.033
0.035
A1
0.000
0.001
0.002
A3
0.008 BSC
b
0.007
0.010
0.012
D
0.157 BSC
E
0.157 BSC
e
0.020 BSC
D2
0.075
0.079
0.081
E2
0.075
0.079
0.081
L
0.012
0.016
0.020
K
0.008
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.800
0.850
0.900
A1
0.000
0.020
0.050
A3
0.203 BSC
b
0.180
0.250
0.300
D
4.000 BSC
E
4.000 BSC
e
0.50 BSC
D2
1.90
2.00
2.05
E2
1.90
2.00
2.05
L
0.30
0.40
0.50
K
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com