Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 26Page - STMicroelectronics STA311B Datasheet HTML 27Page - STMicroelectronics STA311B Datasheet HTML 28Page - STMicroelectronics STA311B Datasheet HTML 29Page - STMicroelectronics STA311B Datasheet HTML 30Page - STMicroelectronics STA311B Datasheet HTML 31Page - STMicroelectronics STA311B Datasheet HTML 32Page - STMicroelectronics STA311B Datasheet HTML 33Page - STMicroelectronics STA311B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
Registers
STA311B
30/102
DocID024340 Rev 1
0x75
pll conf1
PLLBYP
PLLDP
R
LOWEN BST32K
0x76
pll stat
PLLBYS PLLPDS OSCOK
LOWCK
S
Biquad configuration
0x77
CBQ1
EBQ3_1 EBQ3_0 EBQ2_1 EBQ2_0
EBQ1_1 EBQ1_0 EBQ0_0 EBQ0_0
0x78
CBQ2
EBQ7_1 EBQ7_0 EBQ6_1 EBQ6_0
EBQ5_1 EBQ5_0 EBQ4_0 EBQ4_0
0x79
CBQ3
nshen
EBQ9_1 EBQ9_0 EBQ8_0 EBQ8_0
RMS status registers
0x7A
rmsZMH RZM15
RZM14
RZM13
RZM12
RZM11
RZM10
RZM9
RZM8
0X7B
rmsZML RZM7
RZM6
RZM5
RZM4
RZM3
RZM2
RZM1
RZM0
0X7C
rmsPOH RPO15
RPO14
RPO13
RPO12
RPO11
RPO10
RPO9
RPO8
0X7D
rmsPOL RPO7
RPO6
RPO5
RPO4
RPO3
RPO2
RPO1
RPO0
Tristate startup/shutdown pop removal signals
0x80
DPT
DPT4
DPT3
DPT2
DPT1
DPT0
0x81
CFR129 RL3
RL2
RL1
RL0
RD
SID1
FBYP
RTP
0x82
TSDLY1
UDDT1
5
UDDT1
4
UDDT1
3
UDDT12
UDDT11
UDDT1
0
UDDT9
UDDT8
0x83
TSDLY2 UDDT7
UDDT6
UDDT5
UDDT4
UDDT3
UDDT2
UDDT1
UDDT0
Table 11. Register summary (continued)
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More