Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 68Page - STMicroelectronics STA311B Datasheet HTML 69Page - STMicroelectronics STA311B Datasheet HTML 70Page - STMicroelectronics STA311B Datasheet HTML 71Page - STMicroelectronics STA311B Datasheet HTML 72Page - STMicroelectronics STA311B Datasheet HTML 73Page - STMicroelectronics STA311B Datasheet HTML 74Page - STMicroelectronics STA311B Datasheet HTML 75Page - STMicroelectronics STA311B Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA311B
72/102
DocID024340 Rev 1
9.2
Variable max power correction
9.2.1
MPCC1-2 (0x4D, 0x4E)
MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This coefficient is
used in place of the default coefficient when MPCV = 1.
9.3
Variable distortion compensation
9.3.1
DCC1-2 (0x4F, 0x50)
The DCC bits determine the 16 MSBs of the distortion compensation coefficient. This
coefficient is used in place of the default coefficient when DCCV = 1.
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
00
101
10
1
D7
D6
D5
D4
D3
D2
D1
D0
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
11
000
00
0
D7
D6
D5
D4
D3
D2
D1
D0
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
11
110
01
1
D7
D6
D5
D4
D3
D2
D1
D0
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
00
110
01
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More