Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 70Page - STMicroelectronics STA311B Datasheet HTML 71Page - STMicroelectronics STA311B Datasheet HTML 72Page - STMicroelectronics STA311B Datasheet HTML 73Page - STMicroelectronics STA311B Datasheet HTML 74Page - STMicroelectronics STA311B Datasheet HTML 75Page - STMicroelectronics STA311B Datasheet HTML 76Page - STMicroelectronics STA311B Datasheet HTML 77Page - STMicroelectronics STA311B Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 102 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA311B
74/102
DocID024340 Rev 1
9.5.2
Extended limiter/dynamic range LUT registers (nLxAT/RT) (0x6B, 0x6C,
0x6D, 0x6E)
nL1at (0x6B)
nL2at (0x6C)
nL1rt (0x6D)
nL2rt (0x6E)
D7
D6
D5
D4
D3
D2
D1
D0
L1AT6
L1AT5
L1AT4
L1AT3
L1AT2
L1AT1
L1AT0
00
110
00
0
D7
D6
D5
D4
D3
D2
D1
D0
L2AT6
L2AT5
L2AT4
L2AT3
L2AT2
L2AT1
L2AT0
00
110
00
0
D7
D6
D5
D4
D3
D2
D1
D0
L1RT5
L1RT4
L1RT3
L1RT2
L1RT1
L1RT0
00
101
11
1
D7
D6
D5
D4
D3
D2
D1
D0
L2RT5
L2RT4
L2RT3
L2RT2
L2RT1
L2RT0
00
101
11
1
Table 15. Extended release thresholds (AC mode)
LnRT[5:0]
Anti-clipping(AC)
(dB relative to full scale)
000000
-
000001
-29.00
000010
-28.50
000011
-28.00
000100
-27.50
000101
-27.00
000110
-26.50
000111
-26.00
001000
-25.50
001001
-25.00
001010
-24.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More