Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA311B Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STA311B
Description  Multichannel digital audio processor with FFXTM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA311B Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STA311B Datasheet HTML 82Page - STMicroelectronics STA311B Datasheet HTML 83Page - STMicroelectronics STA311B Datasheet HTML 84Page - STMicroelectronics STA311B Datasheet HTML 85Page - STMicroelectronics STA311B Datasheet HTML 86Page - STMicroelectronics STA311B Datasheet HTML 87Page - STMicroelectronics STA311B Datasheet HTML 88Page - STMicroelectronics STA311B Datasheet HTML 89Page - STMicroelectronics STA311B Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA311B
86/102
DocID024340 Rev 1
Table 20. Normal channel attenuation
Index
dB
Index
dB
Index
dB
0x00
0
0x16
18.75
0x2C
21.5
0x01
10.5
0x17
18.875
0x2D
21.625
0x02
11
0x18
19
0x2E
21.75
0x03
11.5
0x19
19.125
0x2F
21.875
0x04
12
0x1A
19.25
0x30
22
0x05
12.5
0x1B
19.375
0x31
22.5
0x06
13
0x1C
19.5
0x32
23
0x07
13.5
0x1D
19.625
0x33
23.5
0x08
14
0x1E
19.75
0x34
24
0x09
14.5
0x1F
19.875
0x35
24.5
0x0A
15
0x20
20
0x36
25
0x0B
15.5
0x21
20.125
0x37
25.5
0x0C
16
0x22
20.25
0x38
26
0x0D
16.5
0x23
20.375
0x39
26.5
0x0E
17
0x24
20.5
0x3A
27
0x0F
17.5
0x25
20.625
0x3B
27.5
0x10
18
0x26
20.75
0x3C
28
0x11
18.125
0x27
20.875
0x3D
28.5
0x12
18.25
0x28
21
0x3E
29
0x13
18.375
0x29
21.125
0x3F
29.5
0x14
18.5
0x2A
21.25
0x15
18.625
0x2B
21.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More